Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25PF040C Datasheet(PDF) 18 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology SST25PF040C Datasheet HTML 16Page - Microchip Technology SST25PF040C Datasheet HTML 17Page - Microchip Technology SST25PF040C Datasheet HTML 18Page - Microchip Technology SST25PF040C Datasheet HTML 19Page - Microchip Technology SST25PF040C Datasheet HTML 20Page - Microchip Technology SST25PF040C Datasheet HTML 21Page - Microchip Technology SST25PF040C Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
SST25PF040C
DS20005397F-page 18
 2015-2022 Microchip Technology Inc. and its subsidiaries
5.12
Write STATUS Register (WRSR)
The Write STATUS Register instruction writes new val-
ues to the BP0, BP1, BP2, TB, and BPL bits of the sta-
tus register. CE# must be driven low before the
command sequence of the WRSR instruction is entered
and driven high before the WRSR instruction is exe-
cuted. Poll the BUSY bit in the Software STATUS reg-
ister, or wait TWRSR, for the completion of the internal,
self-timed Write STATUS Register cycle. See Figure 5-
12 for WREN and WRSR instruction sequences and Fig-
ure 6-11 for the WRSR flow chart.
Executing the Write STATUS Register instruction will
be ignored when WP# is low and BPL bit is set to ‘1’.
When the WP# is low, the BPL bit can only be set from
‘0’ to ‘1’ to lock-down the status register, but cannot be
reset from ‘1’ to ‘0’. When WP# is high, the lock-down
function of the BPL bit is disabled and the BPL, BP0,
BP1, BP2, and TB bits in the STATUS register can all
be changed. As long as BPL bit is set to ‘0’ or WP# pin
is driven high (VIH) prior to the low-to-high transition of
the CE# pin at the end of the WRSR instruction, the bits
in the status register can all be altered by the WRSR
instruction. In this case, a single WRSR instruction can
set the BPL bit to ‘1’ to lock down the status register as
well as altering the BP0, BP1, BP2, and TB bits at the
same time. See Table 4-1 for a summary description of
WP# and BPL functions.
FIGURE 5-12:
WRITE-ENABLE (WREN) AND WRITE-STATUS-REGISTER (WRSR) SEQUENCE
MODE 3
High-Impedance
MODE 0
STATUS
Register In
7 6 5 4321 0
MSb
MSb
MSb
01
MODE 3
SCK
SI
SO
CE#
MODE 0
06
0 1 234 5 6 7
0 1 234 5 6 789 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com