Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP5335 Datasheet(PDF) 3 Page - Microchip Technology

Part # TP5335
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP5335 Datasheet(HTML) 3 Page - Microchip Technology

  TP5335_V01 Datasheet HTML 1Page - Microchip Technology TP5335_V01 Datasheet HTML 2Page - Microchip Technology TP5335_V01 Datasheet HTML 3Page - Microchip Technology TP5335_V01 Datasheet HTML 4Page - Microchip Technology TP5335_V01 Datasheet HTML 5Page - Microchip Technology TP5335_V01 Datasheet HTML 6Page - Microchip Technology TP5335_V01 Datasheet HTML 7Page - Microchip Technology TP5335_V01 Datasheet HTML 8Page - Microchip Technology TP5335_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2018-2022 Microchip Technology Inc. and its subsidiaries
DS20005704D-page 3
TP5335
Zero-Gate Voltage Drain Current
IDSS
–10
µA
VDS = Maximum rating,
VGS = 0V
——
–1
mA
VDS = Maximum rating,
VGS = 0V
On-State Drain Current
ID(ON)
–200
——
mA
VGS = –4.5V, VDS = –25V
–400
mA
VGS = –10V, VDS = –25V
–375
——
mA
VGS = –10V, VDS = –25V
Static Drain-to-Source On-State
Resistance
RDS(ON)
——
75
Ω
VGS = –4.5V, ID = –150 mA
——
30
Ω
VGS = –10V, ID = –200 mA
——
70
Ω
VGS = –10V, ID = –200 mA
Change in RDS(ON) with
Temperature
ΔRDS(ON)
—1
%/°C
VGS = –10V, ID = –200 mA
(Note 1)
DC ELECTRICAL CHARACTERISTICS – AUTOMOTIVE (CONTINUED)
Electrical Specifications: Boldface specification limits apply over the full operating temperature range of
TA =TJ = –55°C, 25°C, and 150°C unless otherwise specified. Non-boldfaced specification limits apply only to
TA =TJ = 25°C unless otherwise specified. All DC parameters are 100% tested at all three temperatures unless
otherwise specified. (Pulse test: 300 µs pulse, 2% duty cycle.)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: Specification is obtained by characterization and is not 100% tested.
AC ELECTRICAL CHARACTERISTICS – COMMERCIAL
Electrical Specifications: TA = TJ = 25°C unless otherwise specified. Specification is obtained by characterization
and is not 100% tested.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
125
mmho VDS = –25V, ID = –200 mA
Input Capacitance
CISS
——
110
pF
VGS = 0V, VDS = –25V,
f = 1 MHz
Common Source Output
Capacitance
COSS
——
60
pF
Reverse Transfer Capacitance
CRSS
——
22
pF
Turn-On Delay Time
td(ON)
20
ns
VDD = –25V, ID = –150 mA,
RGEN = 25Ω
Rise Time
tr
15
ns
Turn-Off Delay Time
td(OFF)
25
ns
Fall Time
tf
25
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
–1.8
V
VGS = 0V, ISD = –200 mA
(Note 1)
Reverse Recovery Time
trr
—800
ns
VGS = 0V, ISD = –200 mA
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated.(Pulse test: 300 µs pulse, 2% duty
cycle.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com