Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25PF040CT-40E/MF Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25PF040CT-40E/MF
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040CT-40E/MF Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25PF040CT-40E/MF Datasheet HTML 17Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 18Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 19Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 20Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 21Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 22Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 23Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 24Page - Microchip Technology SST25PF040CT-40E/MF Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 21
SST25PF040C
6.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (†)
Temperature under bias ..........................................................................................................................-55°C to +125°C
Storage temperature ...............................................................................................................................-55°C to +150°C
DC voltage on any pin to ground potential...........................................................................................-0.5V to VDD+0.5V
Transient voltage (<20 ns) on any pin to ground potential ...................................................................-2.0V to VDD+2.0V
Package power dissipation capability (TA = 25°C)....................................................................................................1.0W
Surface mount solder reflow temperature.......................................................................................260°C for 10 seconds
Output short circuit current(1) ..................................................................................................................................50 mA
6.1
Power-Up Specifications
All functionalities and DC specifications are specified
for a VDD ramp rate of greater than 1V per 100 ms (0V
to 3.3V in less than 330 ms). See Table 6-3 and Figure
6-2 for more information.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note 1: Output shorted for no more than one second. No more than one output shorted at a time.
TABLE 6-1:
OPERATING RANGE
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
2.3V - 3.6V
Industrial Plus
-40°C to +105°C
2.3V - 3.6V
Extended
-40°C to +125°C
2.3V - 3.6V
TABLE 6-2:
AC CONDITIONS OF TEST
Input Rise/Fall Time
Output Load
5ns
CL =30pF
TABLE 6-3:
RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ
VDD Min to Read Operation
100
µs
TPU-WRITE(1)
VDD Min to Write Operation
100
µs
Note 1:
This parameter is measured only for initial qualification and after a design or process change that could affect
this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com