Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBL005 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KBL005
Description  Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBL005 Datasheet(HTML) 3 Page - Vishay Siliconix

  KBL005 Datasheet HTML 1Page - Vishay Siliconix KBL005 Datasheet HTML 2Page - Vishay Siliconix KBL005 Datasheet HTML 3Page - Vishay Siliconix KBL005 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBL005, KBL01, KBL02, KBL04, KBL06, KBL08, KBL10
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
3
Document Number: 88655
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
0
50
100
150
200
250
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mV
p-p
0.210 (5.33)
0.190 (4.83)
0.768 (19.5)
0.726 (18.5)
0.091 (2.30)
0.077 (1.95)
0.591 (15.0)
0.567 (14.4)
1.1
(27.9)
MIN.
0.640 (16.3)
0.600 (15.2)
1.0
(25.4)
MIN.
0.256 (6.5)
0.236 (6.0)
Case Style KBL
0.052 (1.3) DIA.
0.048 (1.2) TYP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com