Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AZ4012-01F.R7GR Datasheet(PDF) 4 Page - AMAZING Microelectronic Corp.

Part # AZ4012-01F.R7GR
Description  Transient Voltage Suppressing Device For ESD/Transient Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.

AZ4012-01F.R7GR Datasheet(HTML) 4 Page - AMAZING Microelectronic Corp.

  AZ4012-01F.R7GR Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ4012-01F.R7GR Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ4012-01F.R7GR Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ4012-01F.R7GR Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ4012-01F.R7GR Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ4012-01F.R7GR Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZ4012-01F.R7GR Datasheet HTML 7Page - AMAZING Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AZ4012-01F
Transient Voltage Suppressing Device
For ESD/Transient Protection
Revision 2015/01/29
©2015 Amazing Micro.
4
www.amazingIC.com
Applications Information
ESD Protection for Battery Contact
The AZ4012-01F can be used to protect
the Battery Contact. The ESD protection
scheme for typical Li-ion battery pack is
shown in Fig. 1. In the Fig. 1, the pin 2 of
AZ4012-01F should be connected directly to
a ground plane (Pack- terminal) on the board.
The pin1 of AZ4012-01F connected to the
terminal of Pack+.
All the path lengths connected to the pins of
AZ4012-01F should be kept as short as
possible to minimize parasitic inductance in
the board traces.
In order to obtain enough suppression of
ESD induced transient, good circuit board is
critical. Thus, the following guidelines are
recommended:
Minimize the path length between the
protected lines and the AZ4012-01F.
Place the AZ4012-01F near the input
terminals
or
connectors
to
restrict
transient coupling.
The ESD current return path to ground
should be kept as short as possible.
Use ground planes whenever possible.
NEVER route critical signals near board
edges and near the lines which the ESD
transient easily injects to PCB internal
circuit.
1
2
Fig. 1 ESD protection scheme for a typical Li-ion battery pack by using AZ4012-01F.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com