Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AZ4115-01F.R7GR Datasheet(PDF) 4 Page - AMAZING Microelectronic Corp.

Part # AZ4115-01F.R7GR
Description  Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.

AZ4115-01F.R7GR Datasheet(HTML) 4 Page - AMAZING Microelectronic Corp.

  AZ4115-01F.R7GR Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ4115-01F.R7GR Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ4115-01F.R7GR Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ4115-01F.R7GR Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ4115-01F.R7GR Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ4115-01F.R7GR Datasheet HTML 6Page - AMAZING Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AZ4115-01F
Transient Voltage Suppressing Device
For ESD/Surge/Transient Protection
Revision 2017/04/25 © 2017 Amazing Micro.
4
www.amazingIC.com
Applications Information
Device Connection
The AZ4115-01F is designed to protect one
line against System ESD/EFT/Lightning pulses
by clamping them to an acceptable reference.
The usage of the AZ4115-01F is shown in Fig.
1. Protected lines, such as data lines, control
lines, or power lines, are connected at pin 1. The
pin 2 should be connected directly to a ground
plane on the board. All path lengths connected to
the pins of AZ4115-01F should be kept as short
as possible to minimize parasitic inductance in
the board traces.
In order to obtain enough suppression of ESD
induced transient, good circuit board is critical.
Thus, the following guidelines are recommended:
Minimize the path length between the
protected lines and the AZ4115-01F.
Place the AZ4115-01F near the input
terminals or connectors to restrict transient
coupling.
The ESD current return path to ground
should be kept as short as possible.
Use ground planes whenever possible.
NEVER route critical signals near board
edges and near the lines which the ESD
transient easily injects to.
Fig. 1 ESD protection scheme by using AZ4115-01F.
VDD
Data
Control
GND
1
1
1
2
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com