Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS-638666100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-638666100
Description  Fine Adjust Applicator for MOX 0.635mm (.025) Receptacle Crimp Terminal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-638666100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-638666100 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-638666100 Datasheet HTML 2Page - Molex Electronics Ltd. ATS-638666100 Datasheet HTML 3Page - Molex Electronics Ltd. ATS-638666100 Datasheet HTML 4Page - Molex Electronics Ltd. ATS-638666100 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fine Adjust Applicator for MOX 0.635mm (.025") Receptacle Crimp Terminal
Doc No. ATS-638666100
Release Date: 04-11-00
UNCONTROLLED COPY
Page 2 of 5
Revision: A
Revision Date: 04-26-07
CRIMP SPECIFICATION
Bell mouth
Cut-off Tab Maximum
Conductor Brush
Terminal Series No.
Mm
In.
mm
In.
mm
In.
98658
0.20-0.50
.008-.020
0.30
.012
0.10-0.50
.004-.020
Punch Width (Ref)
Bend up Bend down Twist Roll
Conductor Insulation
Terminal Series No.
Degree
Degree
mm
In
mm
In
98658
3
3
5
6
1.40 .055 1.80 .071
Seam
Seam shall not be open
and no wire allowed out
of the crimping area
After crimping, the conductor profile should measure the following.
Conductor
Crimp Height
Crimp Width (Ref)
Terminal Series No. Wire Size Actual mm² Wire Type
mm
In.
mm
In.
0.35mm²
0.34
IR
0.73-0.79 .029-.031
22 AWG
0.35
TXL
0.79-0.79 .029-.031
0.50mm²
0.50
ID
0.83-0.89 .033-.035
98658
0.50mm²
0.50
IR
0.83-0.89 .033-.035
1.40
.055
Insulation
Crimp Height
Maximum
Crimp Width (Ref)
Pull Force Minimum
Terminal Series No. Wire Size Actual mm² Wire Type
mm
In.
mm
In.
N
Lb.
0.35mm²
0.34
IR
1.76
.069
60.0
13.50
22 AWG
0.35
TXL
1.90
.075
60.0
13.50
0.50mm²
0.50
ID
1.90
.075
80.0
17.99
98658
0.50mm²
0.50
IR
1.90
.075
1.80
.071
80.0
17.99
Pull Force should be measured with no influence from the insulation crimp.
The above specifications are guidelines to an optimum crimp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com