Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8315ECVRAGDA Datasheet(PDF) 98 Page - NXP Semiconductors

Part # MPC8315ECVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRAGDA Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MPC8315ECVRAGDA Datasheet HTML 94Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 95Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 96Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 97Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 98Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 99Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 100Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 101Page - NXP Semiconductors MPC8315ECVRAGDA Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
98
Freescale Semiconductor
Thermal
Accurate thermal design requires thermal modeling of the application environment using computational
fluid dynamics software which can model both the conduction cooling and the convection cooling of the
air moving through the application. Simplified thermal models of the packages can be assembled using the
junction-to-case and junction-to-board thermal resistances listed in the thermal resistance table. More
detailed thermal models can be made available on request.
Heat sink vendors include the following list:
Aavid Thermalloy
603-224-9988
80 Commercial St.
Concord, NH 03301
Internet: www.aavidthermalloy.com
Alpha Novatech
408-749-7601
473 Sapena Ct. #12
Santa Clara, CA 95054
Internet: www.alphanovatech.com
International Electronic Research Corporation (IERC) 818-842-7277
413 North Moss St.
Burbank, CA 91502
Internet: www.ctscorp.com
Table 79. Heat Sinks and Junction-to-Case Thermal Resistance of MPC8315E TEPBGA II
Heat Sink Assuming Thermal Grease
Air Flow
29
 29 mm TEBGA II
Junction-to-Ambient
Thermal Resistance
AAVID 30 x 30 x 9.4 mm Pin Fin
Natural Convection
14.4
AAVID 30 x 30 x 9.4 mm Pin Fin
0.5 m/s
11.4
AAVID 30 x 30 x 9.4 mm Pin Fin
1 m/s
10.1
AAVID 30 x 30 x 9.4 mm Pin Fin
2 m/s
8.9
AAVID 35 x 31 x 23 mm Pin Fin
Natural Convection
12.3
AAVID 35 x 31 x 23 mm Pin Fin
0.5 m/s
9.3
AAVID 35 x 31 x 23 mm Pin Fin
1 m/s
8.5
AAVID 35 x 31 x 23 mm Pin Fin
2 m/s
7.9
AAVID 43 x 41 x 16.5 mm Pin Fin
Natural Convection
12.5
AAVID 43 x 41 x 16.5 mm Pin Fin
0.5 m/s
9.7
AAVID 43 x 41 x 16.5 mm Pin Fin
1 m/s
8.5
AAVID 43 x 41 x 16.5 mm Pin Fin
2 m/s
7.7
Wakefield, 53 x 53 x 25 mm Pin Fin
Natural Convection
10.9
Wakefield, 53 x 53 x 25 mm Pin Fin
0.5 m/s
8.5
Wakefield, 53 x 53 x 25 mm Pin Fin
1 m/s
7.5
Wakefield, 53 x 53 x 25 mm Pin Fin
2 m/s
7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com