| Electronic Components Datasheet Search |
|
MPC8358ECVVALDHA Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8358ECVVALDHA Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 102 page ![]() © 2011 Freescale Semiconductor, Inc. All rights reserved. Freescale Semiconductor Technical Data This document provides an overview of the MPC8360E/58E PowerQUICC II Pro processor revision 2.x TBGA features, including a block diagram showing the major functional components. This device is a cost-effective, highly integrated communications processor that addresses the needs of the networking, wireless infrastructure, and telecommunications markets. Target applications include next generation DSLAMs, network interface cards for 3G base stations (Node Bs), routers, media gateways, and high end IADs. The device extends current PowerQUICC II Pro offerings, adding higher CPU performance, additional functionality, faster interfaces, and robust interworking between protocols while addressing the requirements related to time-to-market, price, power, and package size. This device can be used for the control plane and also has data plane functionality. For functional characteristics of the processor, refer to the MPC8360E PowerQUICC II Pro Integrated Communications Processor Reference Manual, Rev. 3. To locate any updates for this document, refer to the MPC8360E product summary page on our website listed on the back cover of this document or contact your Freescale sales office. 1 Overview This section describes a high-level overview including features and general operation of the MPC8360E/58E PowerQUICC II Pro processor. A major component of this device is the e300 core, which includes 32 Kbytes of instruction and data cache and is fully compatible with the Power Architecture™ 603e instruction set. The new QUICC Engine module provides termination, interworking, and switching between a Document Number: MPC8360EEC Rev. 5, 09/2011 Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2. Electrical Characteristics . . . . . . . . . . . . . . . . . . 7 3. Power Characteristics . . . . . . . . . . . . . . . . . . . 12 4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . 14 5. RESET Initialization . . . . . . . . . . . . . . . . . . . . 16 6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . 18 7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 8. UCC Ethernet Controller: Three-Speed Ethernet, MII Management . . . . . . . . . . . . . . . . . . . . . . . 25 9. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47 12. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 13. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51 14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52 15. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53 16. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 17. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 18. HDLC, BISYNC, Transparent, and Synchronous UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 19. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62 20. Package and Pin Listings . . . . . . . . . . . . . . . . . 63 21. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 22. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91 23. System Design Information . . . . . . . . . . . . . . . 96 24. Ordering Information . . . . . . . . . . . . . . . . . . . . 99 25. Document Revision History . . . . . . . . . . . . . 100 MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications |
Similar Part No. - MPC8358ECVVALDHA |
|
Similar Description - MPC8358ECVVALDHA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |