Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADLT2852S-CSL Datasheet(PDF) 3 Page - Analog Devices

Part # ADLT2852S-CSL
Description  3.3 V, 20 Mbps RS485/RS422 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLT2852S-CSL Datasheet(HTML) 3 Page - Analog Devices

  ADLT2852S-CSL Datasheet HTML 1Page - Analog Devices ADLT2852S-CSL Datasheet HTML 2Page - Analog Devices ADLT2852S-CSL Datasheet HTML 3Page - Analog Devices ADLT2852S-CSL Datasheet HTML 4Page - Analog Devices ADLT2852S-CSL Datasheet HTML 5Page - Analog Devices ADLT2852S-CSL Datasheet HTML 6Page - Analog Devices ADLT2852S-CSL Datasheet HTML 7Page - Analog Devices ADLT2852S-CSL Datasheet HTML 8Page - Analog Devices ADLT2852S-CSL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADLT2852S-CSL
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 12
ELECTRICAL CHARACTERISTICS
VCC = 3.3 V. All currents into the device pins are positive, and all currents out of the device pins are negative. All voltages are referenced to
device ground, unless otherwise specified. Specifications represent performance at −55°C ≤ TA ≤ +125°C, unless otherwise specified.
Table 1. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DRIVER
Differential Driver Output Voltage
|VOD|
Resistance (R) = ∞, VCC = 3 V (see Figure 12)
VCC
V
R = 27 Ω, VCC = 3 V (see Figure 12)
1.5
VCC
V
R = 50 Ω, VCC = 3.13 V (see Figure 12)
2
VCC
V
Difference in Magnitude of Driver Differential Output
Voltage for Complementary Output States
Δ|VOD|
R = 27 Ω or 50 Ω (see Figure 12)
0.2
V
Common Mode Output Voltage
VOC
R = 27 Ω or 50 Ω (see Figure 12)
3
V
Difference in Magnitude of Driver Common Mode
Output Voltage for Complementary Output States
Δ|VOC|
R = 27 Ω or 50 Ω (see Figure 12)
0.2
V
Three-State (High Impedance) Output Current on Y
and Z
IOZD
DE = 0 V, (Y or Z) = –7 V, 12 V
±50
µA
Maximum Driver Short-Circuit Current
IOSD
–7 V ≤ (Y or Z) ≤ +12 V (see Figure 13), applicable only at TA =
25°C
±180
±250
mA
–250
+300
mA
RECEIVER
Input Current (A, B)
IIN
DE = TE = 0 V, VCC = 0 V or 3.3 V, input voltage (VIN) = 12 V (see
Figure 14)
250
µA
DE = TE = 0 V, VCC = 0 V or 3.3 V, VIN = –7 V, (see Figure 14)
–145
µA
Input Resistance
RIN
RE = VCC or 0 V, DE = TE = 0 V, VIN = –7 V, –3 V, 3 V, 7 V, 12 V
(see Figure 14)
48
125
kΩ
Differential Input Threshold Voltage
VTH
–7 V ≤ B ≤ +12 V
±0.2
V
Input Hysteresis
ΔVTH
B = 0 V, applicable only at TA = 25°C
25
mV
Output High Voltage
VOH
Receive output current (I(RO)) = –4 mA, A and B = 200 mV, VCC =
3 V
2.4
V
Output Low Voltage
VOL
I(RO) = 4 mA, A and B = –200 mV, VCC = 3 V
0.4
V
Three-State (High Impedance) Output Current on
RO
IOZR
RE = VCC, 0 V ≤ RO ≤ VCC
±1
µA
Short-Circuit Current
IOSR
0 V ≤ RO ≤ VCC
±85
mA
LOGIC
Input High Voltage
VIH
VCC = 3.6 V
2
V
Input Low Voltage
VIL
VCC = 3 V
0.8
V
Input Current
IINL
0
±10
µA
SUPPLIES
Current in Shutdown Mode
ICCS
DE = 0 V, RE = VCC
0
15
µA
Current in Receive Mode
ICCR
DE = 0 V, RE = 0 V
370
900
µA
Current in Transmit Mode
ICCT
No load, DE = VCC, RE = VCC
450
1000
µA
Current with Both Driver and Receiver Enabled
ICCTR
No load, DE = VCC, RE = 0 V
450
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com