Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5474BCZ-GP Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5474BCZ-GP
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ-GP Datasheet(HTML) 5 Page - Analog Devices

  ADRF5474BCZ-GP Datasheet HTML 1Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 2Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 3Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 4Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 5Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 6Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 7Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 8Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADRF5474
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 14
Table 3.
Parameter
Rating
Positive Supply Voltage
−0.3 V to +3.6 V
Negative Supply Voltage
−3.6 V to +0.3 V
Digital Control Inputs
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Power1 (Frequency = 100 MHz to 50 GHz,
TDIE = 85°C2)
Input at ATTIN
Steady State, Average
24 dBm
Steady State, Peak
25 dBm
Hot Switching, Average
24 dBm
Hot Switching, Peak
25 dBm
Input at ATTOUT
Steady State, Average
16 dBm
Steady State, Peak
17 dBm
Hot Switching, Average
16 dBm
Hot Switching, Peak
17 dBm
RF Power Under Unbiased Condition (VDD and
VSS = 0 V)
Input at ATTIN
17 dBm
Input at ATTOUT
9 dBm
Temperature
Junction (TJ)
135°C
Storage
−55°C to +150°C
Processing
170°C
Continuous Power Dissipation (PDISS)
0.20 W
1 For power derating over frequency, see Figure 2 and Figure 3. Applicable for
all ATTIN and ATTOUT power specifications.
2 For 105°C operation, the power handling degrades from the TDIE = 85°C
specifications by 3 dB.
Stresses at or above those listed under absolute maximum ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to carrier bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC
Unit
C-16-5
250
°C/W
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TDIE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TDIE = 85°C
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com