Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4T85635 Datasheet(PDF) 5 Page - M-pulse Microwave Inc.

Part # MP4T85635
Description  Moderate Power High fT NPN Silicon Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T85635 Datasheet(HTML) 5 Page - M-pulse Microwave Inc.

  MP4T85635 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 8Page - M-pulse Microwave Inc. MP4T85635 Datasheet HTML 9Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Moderate Power High fT NPN Silicon Transistor
MP4T856 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
5
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T85639
Typical Scattering Parameters in the SOT-143 Pacakge
VCE = 8 Volts, IC = 20 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
200
0.500
-98.3
20.35
119.5
0.030
59.3
0.580
-38.8
400
0.423
-137.3
11.71
100.4
0.042
57.3
0.394
-43.0
600
0.406
-157.4
8.09
90.4
0.055
61.6
0.322
-42.7
800
0.404
-170.3
6.17
83.2
0.068
62.8
0.290
-43.0
1000
0.406
-179.7
4.97
77.3
0.081
62.4
0.272
-45.2
1200
0.409
172.1
4.17
71.7
0.096
61.1
0.264
-47.8
1400
0.416
165.6
3.59
66.8
0.109
61.5
0.257
-50.9
1600
0.418
159.7
3.16
62.2
0.123
60.5
0.254
-54.1
1800
0.425
154.5
2.83
57.9
0.134
58.3
0.255
-57.9
2000
0.431
149.0
2.57
53.2
0.144
58.4
0.254
-61.7
2200
0.431
145.3
2.33
49.7
0.163
57.8
0.264
-65.6
2400
0.439
140.9
2.16
45.6
0.175
56.8
0.265
-69.2
2600
0.446
136.5
2.01
41.7
0.188
54.2
0.268
-72.9
2800
0.457
132.4
1.88
38.0
0.199
52.3
0.273
-76.4
3000
0.463
129.3
1.77
34.5
0.212
50.7
0.271
-80.0
MP4T85639
Typical Scattering Parameters in the SOT-143 Package
VCE = 8 Volts, IC = 40 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
200
0.455
-116.2
21.21
112.3
0.026
58.5
0.492
-38.2
400
0.414
-150.6
11.59
95.8
0.038
61.8
0.350
-37.6
600
0.410
-166.9
7.90
87.0
0.052
64.9
0.303
-36.0
800
0.412
-177.6
5.98
80.4
0.66
64.4
0.282
-36.7
1000
0.417
174.6
4.82
74.9
0.079
67.4
0.268
-39.3
1200
0.422
167.4
4.04
69.6
0.092
65.2
0.265
-42.4
1400
0.429
161.8
3.48
64.8
0.109
64.3
0.263
-45.7
1600
0.432
156.4
3.06
60.4
0.123
63.1
0.260
-49.7
1800
0.439
151.7
2.74
56.1
0.136
60.6
0.260
-54.2
2000
0.447
146.4
2.48
51.5
0.146
60.1
0.260
-58.0
2200
0.444
143.0
2.25
48.0
0.163
59.1
0.272
-62.0
2400
0.455
138.8
2.09
43.8
0.177
57.4
0.272
-66.1
2600
0.460
134.5
1.94
39.8
0.188
54.8
0.276
-69.7
2800
0.472
131.0
1.82
36.1
0.199
52.4
0.282
-73.7
3000
0.479
127.7
1.70
32.7
0.211
51.4
0.279
-77.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com