Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4TD0370 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4TD0370
Description  Silicon Bipolar MMIC Cascadable Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4TD0370 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4TD0370 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4TD0370 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4TD0370 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0370
M-Pulse Microwave ___________________________________________________________________________________
3
North America :
PH (408) 432-1480
FX (408) 432-3440
NOISE FIGURE vs FREQUENCY
4
4.5
5
5.5
6
6.5
7
0.1
1
10
FR E Q UE N CY (GH z)
Id= 20m A
Id= 35m A
Id= 50m A
REVERSE ISOLATION vs FREQUENCY
-25
-23
-21
-19
-17
-15
-13
-11
0.1
1
10
FRE QU E NCY (G H z)
Typical Scattering Parameters
Z0 = 50Ω, TA = +25°C, Id = 35 mA;
Frequency
S11
S21
S12
S22
(GHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
0.1
0.119
177.7
4.54
172.7
0.114
0.1
0.096
-18.4
0.2
0.118
177.8
4.52
168.0
0.114
3.2
0.102
-30.7
0.4
0.115
175.0
4.45
156.8
0.117
6.6
0.119
-57.0
0.6
0.107
175.4
4.35
145.4
0.121
9.6
0.140
-78.7
0.8
0.099
179.4
4.21
134.2
0.126
12.3
0.162
-95.7
1.0
0.099
-174.0
4.06
123.4
0.133
13.9
0.181
-110.1
1.5
0.131
-162.5
3.60
98.0
0.152
15.8
0.210
-137.3
2.0
0.184
-166.8
3.11
75.1
0.171
14.3
0.212
-156.7
2.5
0.236
-178.4
2.67
55.1
0.189
11.3
0.194
-169.0
3.0
0.287
167.1
2.31
37.7
0.203
7.7
0.180
-178.3
3.5
0.340
151.8
3.03
21.8
0.215
3.6
0.172
174.5
4.0
0.395
137.0
1.80
7.1
0.224
-0.8
0.169
167.0
4.5
0.443
123.4
1.57
-6.2
0.232
-5.3
0.177
159.2
5.0
0.480
113.0
1.39
-18.1
0.235
-9.0
0.194
152.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com