Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMPF0200F0AEP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MMPF0200F0AEP
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F0AEP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MMPF0200F0AEP Datasheet HTML 35Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 36Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 37Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 38Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 39Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 40Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 41Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 42Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
NXP Semiconductors
39
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW1A/B external components
Table 45. Register SW1ABCONF - ADDR 0x24
Name
Bit #
R/W
Default
Description
SW1ABILIM
0
R/W
0x00
SW1AB current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW1ABFREQ
3:2
R/W
0x00
SW1A/B switching frequency selector
See Table 36.
SW1ABPHASE
5:4
R/W
0x00
SW1A/B Phase clock selection
See Table 34.
SW1ABDVSSPEED
7:6
R/W
0x00
SW1A/B DVS speed selection
See Table 32.
Table 46. SW1A/B external component recommendations
Components
Description
Mode
A/B Single Phase
CINSW1A(39)
SW1A Input capacitor
4.7
μF
CIN1AHF(39)
SW1A Decoupling input capacitor
0.1
μF
CINSW1B(39)
SW1B Input capacitor
4.7
μF
CIN1BHF(39)
SW1B Decoupling input capacitor
0.1
μF
COSW1AB(39)
SW1A/B Output capacitor
4 x 22
μF
LSW1A
SW1A/B Inductor
1.0
μH
DCR = 12 m
Ω
ISAT = 4.5 A
Notes
39.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com