Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMPF0200F3AEP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MMPF0200F3AEP
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F3AEP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MMPF0200F3AEP Datasheet HTML 4Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 5Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 6Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 7Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 8Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 9Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 10Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 11Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
8
NXP Semiconductors
PF0200
PIN CONNECTIONS
-
EP
GND
-
GND
Expose pad. Functions as ground return for buck regulators. Tie this pad to the inner
and external ground planes through vias to allow effective thermal dissipation.
Notes
3.
10 V Maximum voltage rating during OTP fuse programming. 7.5 V Maximum DC voltage rated otherwise.
4.
Unused switching regulators should be connected as follow: Pins SWxLX and SWxFB should be unconnected and Pin SWxIN should be connected
to VIN with a 0.1
μF bypass capacitor.
Table 2. PF0200 pin definitions (continued)
Pin
number
Pin name
Pin
function
Max rating
Type
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com