Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMPF0200F4AEP Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MMPF0200F4AEP
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F4AEP Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MMPF0200F4AEP Datasheet HTML 72Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 73Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 74Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 75Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 76Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 77Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 78Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 79Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 115 page
background image
76
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN6
Table 91. VGEN6 electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN3 = 3.6 V,
VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN6
VIN3
Operating Input Voltage
1.8 V
≤ VGEN6NOM ≤ 2.5 V
2.6 V
≤ VGEN6NOM ≤ 3.3 V
2.8
VGEN6NO
M+ 0.250
–
–
4.5
4.5
V
(65)
VGEN6NOM
Nominal Output Voltage
–
Table 77
–V
IGEN6
Operating Load Current
0.0
–
200
mA
VGEN6 DC
VGEN6TOL
Output Voltage Tolerance
VIN3MIN < VIN3 < 4.5 V
0.0 mA < IGEN6 < 200 mA
VGEN6[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN6LOR
Load Regulation
(VGEN6 at IGEN6 = 200 mA) - (VGEN6 at IGEN6 = 0.0 mA)
For any VIN3MIN < VIN3 < 4.5 V
–0.10–
mV/mA
VGEN6LIR
Line Regulation
(VGEN6 at VIN3 = 4.5 V) - (VGEN6 at VIN3MIN)
For any 0.0 mA < IGEN6 < 200 mA
–0.50–
mV/mA
IGEN6LIM
Current Limit
IGEN6 when VGEN6 is forced to VGEN6NOM/2
232
333
475
mA
IGEN6OCP
Overcurrent Protection Threshold
IGEN6 required to cause the SCP function to disable LDO when
REGSCPEN = 1
220
–
475
mA
IGEN6Q
Quiescent Current
No load, Change in IVIN and IVIN3
When VGEN6 enabled
–13
–
μA
VGEN6 AC and transient
PSRRVGEN6
PSRR
•IGEN6 = 150 mA, 20 Hz to 20 kHz
VGEN6[3:0] = 0000 - 1111, VIN3 = VIN3MIN + 100 mV
VGEN6[3:0] = 0000 - 1111, VIN3 = VGEN6NOM + 1.0 V
35
52
40
60
–
–
dB
(66)
NOISEVGEN6
Output Noise Density
•VIN3 = VIN3MIN, IGEN6 = 150 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
SLWRVGEN6
Turn-On Slew Rate
• 10% to 90% of end value
•VIN3MIN ≤ VIN3 ≤ 4.5 V. IGEN6 = 0.0 mA
VGEN6[3:0] = 0000 to 0011
VGEN6[3:0] = 0100 to 0111
VGEN6[3:0] = 1000 to 1011
VGEN6[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs
GEN6tON
Turn-on Time
Enable to 90% of end value, VIN3 = VIN3MIN, 4.5 V
IGEN6 = 0.0 mA
60
–
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com