Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LAMLL6 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SPC5643LAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LAMLL6 Datasheet(HTML) 1 Page - NXP Semiconductors

  SPC5643LAMLL6 Datasheet HTML 1Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 2Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 3Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 4Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 5Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 6Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 7Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 8Page - NXP Semiconductors SPC5643LAMLL6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
257 MAPBGA
(14 x 14 x 0.8 mm)
(20 x 20 x 1.4 mm)
144 LQFP
NXP Semiconductors
Data Sheet: Technical Data
Document Number: MPC5643L
Rev. 10, 11/2021
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
MPC5643L
•
High-performance e200z4d dual core
— 32-bit Power Architecture® technology CPU
— Core frequency as high as 120 MHz
— Dual issue five-stage pipeline core
— Variable Length Encoding (VLE)
— Memory Management Unit (MMU)
— 4 KB instruction cache with error detection code
— Signal processing engine (SPE)
•
Memory available
— 1 MB flash memory with ECC
— 128 KB on-chip SRAM with ECC
— Built-in RWW capabilities for EEPROM emulation
•
SIL3/ASILD innovative safety concept: LockStep mode and
Fail-safe protection
— Sphere of replication (SoR) for key components (such as
CPU core, eDMA, crossbar switch)
— Fault collection and control unit (FCCU)
— Redundancy control and checker unit (RCCU) on outputs
of the SoR connected to FCCU
— Boot-time Built-In Self-Test for Memory (MBIST) and
Logic (LBIST) triggered by hardware
— Boot-time Built-In Self-Test for ADC and flash memory
triggered by software
— Replicated safety enhanced watchdog
— Replicated junction temperature sensor
— Non-maskable interrupt (NMI)
— 16-region memory protection unit (MPU)
— Clock monitoring units (CMU)
— Power management unit (PMU)
MPC5643L Microcontroller
Data Sheet
— Cyclic redundancy check (CRC) unit
•
Decoupled Parallel mode for high-performance use of
replicated cores
•
Nexus Class 3+ interface
•
Interrupts
— Replicated 16-priority controller
— Replicated 16-channel eDMA controller
•
GPIOs individually programmable as input, output or
special function
•
Three 6-channel general-purpose eTimer units
•
2 FlexPWM units
— Four 16-bit channels per module
•
Communications interfaces
— 2 LINFlexD channels
— 3 DSPI channels with automatic chip select
generation
— 2 FlexCAN interfaces (2.0B Active) with 32
message objects
— FlexRay module (V2.1 Rev. A) with 2 channels,
64 message buffers and data rates up to 10 Mbit/s
•
Two 12-bit analog-to-digital converters (ADCs)
— 16 input channels
— Programmable cross triggering unit (CTU) to
synchronize ADCs conversion with timer and
PWM
•
Sine wave generator (D/A with low pass filter)
•
On-chip CAN/UART bootstrap loader
•
Single 3.0 V to 3.6 V voltage suppl
y
•
Ambient temperature range –40 °C to 125 °C
•
Junction temperature range –40 °C to 150 °C


Similar Part No. - SPC5643LAMLL6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5643LF0MLQ1 FREESCALE-SPC5643LF0MLQ1 Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
SPC5643LF0MLQ1R FREESCALE-SPC5643LF0MLQ1R Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
SPC5643LF0MLQ8 FREESCALE-SPC5643LF0MLQ8 Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
SPC5643LF0MLQ8R FREESCALE-SPC5643LF0MLQ8R Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
SPC5643LF0MMM1 FREESCALE-SPC5643LF0MMM1 Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
More results

Similar Description - SPC5643LAMLL6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5643L FREESCALE-MPC5643L Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com