Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5646C Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MPC5646C
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646C Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MPC5646C Datasheet HTML 60Page - NXP Semiconductors MPC5646C Datasheet HTML 61Page - NXP Semiconductors MPC5646C Datasheet HTML 62Page - NXP Semiconductors MPC5646C Datasheet HTML 63Page - NXP Semiconductors MPC5646C Datasheet HTML 64Page - NXP Semiconductors MPC5646C Datasheet HTML 65Page - NXP Semiconductors MPC5646C Datasheet HTML 66Page - NXP Semiconductors MPC5646C Datasheet HTML 67Page - NXP Semiconductors MPC5646C Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
64
4.11.3.2
Static latch-up (LU)
Two complementary static tests are required on six parts to assess the latch-up performance:
•
A supply over-voltage is applied to each power supply pin.
•
A current injection is applied to each input, output and configurable I/O pin.
These tests are compliant with the EIA/JESD 78 IC latch-up standard.
4.12
Fast external crystal oscillator (4–40 MHz) electrical
characteristics
The device provides an oscillator/resonator driver. Figure 10 describes a simple model of the internal oscillator driver and
provides an example of a connection for an oscillator or a resonator.
Table 34 provides the parameter description of 4 MHz to 40 MHz crystals used for the design simulations.
Figure 10. Crystal oscillator and resonator connection scheme
NOTE
XTAL/EXTAL must not be directly used to drive external circuits.
Table 33. Latch-up results
Symbol
Parameter
Conditions
Class
LU
Static latch-up class
TA = 125 °C
conforming to JESD 78
II level A
C2
C1
XTAL
EXTAL
XTAL
EXTAL
DEVICE
DEVICE
DEVICE
EXTAL
XTAL
I
R
VDD
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com