Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5644BCACLU1R Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPC5644BCACLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCACLU1R Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPC5644BCACLU1R Datasheet HTML 45Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 46Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 47Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 48Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 49Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 50Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 51Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 52Page - NXP Semiconductors MPC5644BCACLU1R Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
49
4.6.4
Output pin transition times
VOL
CC
P
Output low level
FAST
configuration
Push Pull IOL = 14 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
0.1VDD
V
CIOL = 7 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 1(3)
——
0.1VDD
CIOL = 11 mA,
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
0.5
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 V
DD as mentioned in the table is VDD_HV_A/VDD_HV_B.
3 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but
RESET and Nexus outputs (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
Table 18. Output pin transition times
Symbol
C
Parameter
Conditions1,2
Value3
Unit
Min
Typ
Max
Ttr CC
D
Output transition time
output pin4
SLOW configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
50
ns
TCL = 50 pF
—
—
100
DCL = 100 pF
—
—
125
DCL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
40
TCL = 50 pF
—
—
50
DCL = 100 pF
—
—
75
Ttr CC
D
Output transition time
output pin(4)
MEDIUM
configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
SIUL.PCRx.SRC = 1
—
—
10
ns
TCL = 50 pF
—
—
20
DCL = 100 pF
—
—
40
DCL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
12
TCL = 50 pF
—
—
25
DCL = 100 pF
—
—
40
Table 17. FAST configuration output buffer electrical characteristics (continued)
Symbol
C
Parameter
Conditions1,2
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com