Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5645BCAMLU1R Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MPC5645BCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5645BCAMLU1R Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MPC5645BCAMLU1R Datasheet HTML 63Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 64Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 65Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 66Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 67Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 68Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 69Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 70Page - NXP Semiconductors MPC5645BCAMLU1R Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
67
Figure 12. Crystal oscillator and resonator connection scheme
NOTE
OSC32K_XTAL/OSC32K_EXTAL must not be directly used to drive external circuits.
l
Figure 13. Equivalent circuit of a quartz crystal
Table 36. Crystal motional characteristics1
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Lm
Motional inductance
—
—
11.796
—
KH
Cm
Motional capacitance
—
—
2
—
fF
C1/C2 Load capacitance at OSC32K_XTAL and
OSC32K_EXTAL with respect to ground2
—18
—
28
pF
Rm
3
Motional resistance
AC coupled @ C0 = 2.85 pF4
——
65
k
Ω
AC coupled @ C0 = 4.9 pF(4)
——
50
AC coupled @ C0 = 7.0 pF(4)
——
35
AC coupled @ C0 = 9.0 pF(4)
——
30
OSC32K_XTAL
OSC32K_EXTAL
DEVICE
C2
C1
OSC32K_XTAL
OSC32K_EXTAL
RP
DEVICE
C0
C2
C1
C2
Rm
C1
Lm
Cm
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com