Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5644BCAMLU8R Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MPC5644BCAMLU8R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMLU8R Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MPC5644BCAMLU8R Datasheet HTML 79Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 80Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 81Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 82Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 83Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 84Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 85Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 86Page - NXP Semiconductors MPC5644BCAMLU8R Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
83
Figure 22. MII transmit signal timing diagram
4.18.3
MII Async Inputs Signal Timing (CRS and COL)
Figure 23. MII async inputs timing diagram
4.18.4
MII Serial Management Channel Timing (MDIO and MDC)
The FEC functions correctly with a maximum MDC frequency of 2.5 MHz.
Table 45. MII transmit signal timing1
1 Output pads configured with SRE = 0b11.
Spec
Characteristic
Min
Max
Unit
M5
TX_CLK to TXD[3:0],
TX_EN, TX_ER
invalid
5—
ns
M6
TX_CLK to TXD[3:0],
TX_EN, TX_ER valid
—25
ns
M7
TX_CLK pulse width
high
35%
65%
TX_CLK period
M8
TX_CLK pulse width
low
35%
65%
TX_CLK period
Table 46. MII Async Inputs Signal Timing1
1 Output pads configured with SRE = 0b11.
Spec
Characteristic
Min
Max
Unit
M9
CRS, COL minimum
pulse width
1.5
—
TX_CLK period
M6
TX_CLK (input)
TXD[3:0] (outputs)
TX_EN
TX_ER
M5
M7
M8
CRS, COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com