Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5606BFCLU4R Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SPC5606BFCLU4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5606BFCLU4R Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SPC5606BFCLU4R Datasheet HTML 9Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 10Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 11Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 12Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 13Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 14Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 15Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 16Page - NXP Semiconductors SPC5606BFCLU4R Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
13
3.5
Pad types
In the device the following types of pads are available for system pins and functional port pins:
S = Slow1
M = Medium1 2
F = Fast1 2
I = Input only with analog feature1
J = Input/Output (‘S’ pad) with analog feature
X = Oscillator
3.6
System pins
The system pins are listed in Table 4.
VSS_HV_ADC0 Reference ground and analog ground
for the A/D converter 0 (10-bit)
51
73
89
R15
VDD_HV_ADC0 Reference voltage and analog supply
for the A/D converter 0 (10-bit)
52
74
90
P14
VSS_HV_ADC1 Reference ground and analog ground
for the A/D converter 1 (12-bit)
59
81
98
N12
VDD_HV_ADC1 Reference voltage and analog supply
for the A/D converter 1 (12-bit)
60
82
99
K13
1 A decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable
voltage (see the recommended operating conditions in the device data sheet).
1. See the I/O pad electrical characteristics in the chip data sheet for details.
2. All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium. The only
exception is PC[1] which is in medium configuration by default (see the PCR.SRC description in the chip reference manual, Pad
Configuration Registers (PCR0–PCR148)).
Table 4. System pin descriptions
Port pin
Function
RESET
configuration
Pin number
100
LQFP
144
LQFP
176
LQFP
208
MAP
BGA
1
RESET Bidirectional reset with Schmitt-Trigger
characteristics and noise filter.
I/O
M
Input weak
pull-up after
RGM PHASE2
and 40 FIRC
cycles
17
21
29
J1
Table 3. Voltage supply pin descriptions (continued)
Port pin
Function
Pin number
100 LQFP
144 LQFP
176 LQFP
208 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com