Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5605BAMLU6R Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PPC5605BAMLU6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLU6R Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PPC5605BAMLU6R Datasheet HTML 30Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 31Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 32Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 33Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 34Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 35Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 36Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 37Page - NXP Semiconductors PPC5605BAMLU6R Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
34
3.8
Nexus 2+ pins
In the 208 MAPBGA package, eight additional debug pins are available (see Table 6).
4
Electrical characteristics
This section contains electrical characteristics of the device as well as temperature and power
considerations.
This product contains devices to protect the inputs against damage due to high static voltages. However,
it is advisable to take precautions to avoid application of any voltage higher than the specified maximum
rated voltages.
To enhance reliability, unused inputs can be driven to an appropriate logic voltage level (VDD or VSS). This
could be done by the internal pull-up and pull-down, which is provided by the product for most general
purpose pins.
7 “Not applicable” because these functions are available only while the device is booting. Refer to the BAM
information for details.
8 Value of PCR.IBE bit must be 0
9 This wakeup input cannot be used to exit STANDBY mode.
10 Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO.
PC[0:1] are available as JTAG pins (TDI and TDO respectively).
PH[9:10] are available as JTAG pins (TCK and TMS respectively).
It is up to the user to configure these pins as GPIO when needed.
11 PC[1] is a fast/medium pad but is in medium configuration by default. This pad is in Alternate Function 2 mode after
reset which has TDO functionality. The reset value of PCR.OBE is ‘1’, but this setting has no impact as long as this
pad stays in AF2 mode. After configuring this pad as GPIO (PCR.PA = 0), output buffer is enabled as reset value
of PCR.OBE = 1.
12 Not available in 100 LQFP package
Table 6. Nexus 2+ pin descriptions
Port pin
Function
I/O
direction
Pad type
Function
after reset
Pin number
100
LQFP
144
LQFP
208 MAP
BGA1
1 208 MAPBGA available only as development package for Nexus2+
MCKO
Message clock out
O
F
—
—
—
T4
MDO0
Message data out 0
O
M
—
—
—
H15
MDO1
Message data out 1
O
M
—
—
—
H16
MDO2
Message data out 2
O
M
—
—
—
H14
MDO3
Message data out 3
O
M
—
—
—
H13
EVTI
Event in
I
M
Pull-up
—
—
K1
EVTO
Event out
O
M
—
—
—
L4
MSEO
Message start/end out
O
M
—
—
—
G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com