Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5645BCAMLU1 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MPC5645BCAMLU1
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5645BCAMLU1 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MPC5645BCAMLU1 Datasheet HTML 73Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 74Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 75Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 76Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 77Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 78Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 79Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 80Page - NXP Semiconductors MPC5645BCAMLU1 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
77
Table 42. ADC conversion characteristics (10-bit ADC_0)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VSS_ADC0 SR — Voltage on
VSS_HV_ADC0
(ADC_0 reference)
pin with respect to
ground (VSS_HV)
2
—
−0.1
—
0.1
V
VDD_ADC0 SR — Voltage on
VDD_HV_ADC0 pin
(ADC_0 reference)
with respect to
ground (VSS_HV)
—VDD_HV_A − 0.1
—
VDD_HV_A +0.1 V
VAINx
SR — Analog input voltage3
—VSS_ADC0 − 0.1
—
VDD_ADC0 +0.1 V
fADC0
SR — ADC_0 analog
frequency
—
6—
32 + 2%
MHz
tADC0_PU SR — ADC_0 power up
delay
—
1,5
µs
tADC0_S CC T Sample time
4
fADC = 32 MHz
500
—
ns
tADC0_C CC P Conversion time
5,6
fADC = 32 MHz
0.625
—
µs
fADC = 30 MHz
0.700
—
CS
CC
D ADC_0 input
sampling
capacitance
——
—
3
pF
CP1
CC
D ADC_0 input pin
capacitance 1
——
—
3
pF
CP2
CC
D ADC_0 input pin
capacitance 2
——
—
1
pF
CP3
CC
D ADC_0 input pin
capacitance 3
——
—
1
pF
RSW1
CC
D Internal resistance of
analog source
——
—
3
k
Ω
RSW2
CC
D Internal resistance of
analog source
—
—
—
2
k
Ω
RAD
CC
D Internal resistance of
analog source
——
—
2
k
Ω
IINJ
7
SR — Input current Injection Current
injection on
one ADC_0
input, different
from the
converted one
VDD =
3.3 V ± 10%
−5—
5
mA
VDD =
5.0 V ± 10%
−5
—
5
| INL |
CC
T Absolute value for
integral non-linearity
No overload
—
0.5
1.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com