Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV5430 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics VV5430 Datasheet HTML 12Page - STMicroelectronics VV5430 Datasheet HTML 13Page - STMicroelectronics VV5430 Datasheet HTML 14Page - STMicroelectronics VV5430 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VV5430
Video Standards
CD5430F-A
11/33
CCIR Timing Diagram
Figure 2 : CCIR composite video line-level timing
Figure 3 : CCIR composite video signal - field level timing
0.3v
peak white level
black &
sync. level
line period H = 64
µs
line sync. 4.7
µs
back porch 5.8
µs
line time reference poin
t
front porch 1.5
µs
line sync. 0.25
± 0.05µs
line blank 0.3
± 0.1µs
rise times
(10% - 90%)
{
2.3v
0.9v
blanking level
2.5H
2.5H
2.5H
2.5H
2.5H
2.5H
2.5H
field 0
field 1
field 1
field 2
26H
25H
SL
frame start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com