| Electronic Components Datasheet Search |
|
STI5300 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5300 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() 1/3 DATA BRIEF September 2005 STi5300 High-performance set-top box decoder Rev. 1 DESCRIPTION The new STi5300 MPEG-2 decoder from ST provides a step-change in performance for pay TV set-top boxes and digital video recorders. Delivering 1.33 GOPS of processing power through an ST230 VLIW CPU running at 333 MHz, ST has ensured that manufacturers’ investment in new products is protected as the STi5300 can easily accommodate today’s interactive software, and provides a platform that can support the even more demanding applications of the future. Both Linux and OS21 operating systems are supported, and an MMU provides support for virtual memory management. The STi5300’s power comes from the VLIW architecture of the ST230 CPU. This allows four instructions to be executed at each CPU cycle, dramatically increasing performance. By maintaining pin compatibility with the STi5100, manufacturers can make use of the STi5300 with minimal hardware redesign. Package (27 x 27 PBGA 336 package) Figure 1. STi5300 low-cost interactive set-top box xxxx STi5300 Transport stream in VCR PSTN QPSK ZIF Rx STV0299 Smart Cards Smart cards Flash IR Tx/Rx 128 Mbit DDR RGB CVBS/YC SiLabs DAA Transport stream in QPSK ZIF Rx HDD USB port (Optional) and STB6000 STV0299 and STB6000 |
Similar Part No. - STI5300 |
|
Similar Description - STI5300 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |