Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMH4803AS Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMH4803AS
Description  Distributed Power Hot Swap Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803AS Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMH4803AS Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 15Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 16Page - Summit Microelectronics, Inc. SMH4803AS Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
2051 4.4 3/15/01
SMH4803A
Preliminary
SUMMIT MICROELECTRONICS, Inc.
Figure 7. Changing Polarity of Power Good Output PG1#
Note: Figures 7 through 11 — the *10
Ω resistor must be located as close as possible to the MOSFET
100k
Ω
MMBTA06LT1
RT
68k
Ω
1k
Ω
*10
Ω
10nF
100V
MMBD1401
100nF
100k
Ω
MMBTA06LT1
MMBTA06LT1
100nF
50V
100nF
50V
10nF
100V
UV
OV
PD1#
PD2#
FAULT#
RESET#
PG3#
PG2#
5VREF
SMH4803A
PG1#
0V
–48V
10k
Ω
10k
Ω
R1
RD
6.8k
Ω
100µF
100V
R3
MODE
R2
RS
20m
Ω
47k
Ω
1N4148
0V
–48V
2051 Fig07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com