Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFS005N10MCL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS005N10MCL
Description  MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS005N10MCL Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS005N10MCL Datasheet HTML 1Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 2Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 3Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 4Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 5Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 6Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 7Page - ON Semiconductor NVMFS005N10MCL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NVMFS005N10MCL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
100
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 250 mA, ref to 25°C
52
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 100 V
TJ = 25°C
1
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 192 mA
1
3
V
Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 250 mA, ref to 25°C
−5.6
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 34 A
4.2
5.1
mW
VGS = 4.5 V, ID = 27 A
5.6
7.1
Forward Transconductance
gFS
VDS = 10 V, ID = 50 A
155
S
Gate−Resistance
RG
TA = 25°C
0.85
W
CHARGES & CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 50 V
4100
pF
Output Capacitance
COSS
1350
Reverse Transfer Capacitance
CRSS
22
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 50 V, ID = 34 A
26
nC
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 50 V, ID = 34 A
55
nC
Gate−to−Source Charge
QGS
11
Gate−to−Drain Charge
QGD
5
Plateau Voltage
VGP
3
V
Threshold Gate Charge
QG(TH)
6
nC
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 50 V,
ID = 34 A, RG = 6 W
17
ns
Rise Time
tr
6.7
Turn−Off Delay Time
td(OFF)
57
Fall Time
tf
12.3
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 34 A
TJ = 25°C
0.85
1.3
V
TJ = 125°C
0.73
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 17 A
56
ns
Reverse Recovery Charge
QRR
54
nC
Charge Time
ta
25
ns
Discharge Time
tb
31
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Switching characteristics are independent of operating junction temperatures



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com