Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMS66 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMS66 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
15
RESTART OF POWER-ON SEQUENCING
Once a Force Shutdown or Power-off operation has
completed, the SMS66 can restart the Power-on
sequencing.
The device can be programmed to
automatically restart after a Force Shutdown provided
the PWR_ON/OFF pin remains in the active state or
the I
2C Power-on command remains in the command
register. If this option is not selected, the SMS66
requires toggling of the PWR_ON/OFF pin or toggling
of the I
2C commands by issuing a Power-off command
and then reissuing the Power-on command in order to
restart Power-on sequencing. In either scenario, the
FS pin will prevent the SMS66 from restarting Power-
on sequencing.
In addition, the device can be
programmed to check that VDD and the 12VIN are
within their programmed voltage thresholds before
restarting Power-on sequencing.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com