Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMS64FR01 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMS64FR01
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR01 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMS64FR01 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
17
Channel E
Not Sequenced; Sequence Position null (7);
Over-voltage; Programmable Threshold(VPTHE) =
3.64V
Channel F
Not Sequenced; Sequence Position null (7);
Over-voltage; Programmable Threshold(VPTHF) =
1.34V
Power-Off in reverse order
RST_A# triggered by channels C, D, E, and F; cleared
on PUPB active
RST_B# triggered by channels B, D, E, and F
IRQ# triggered by channel A
VCCA, VCCB, and VCCC selected as precursors to
power-on sequencing
The resulting timing diagram is shown in Figures 9
and 10. Figure 9 shows the SMS64 sequencing the
supplies on and then monitoring for fault conditions.
Figure 10 shows the SMS64 sequencing the supplies
off then sequencing the supplies on.
VM
B,E
VCC
A
VCC
B
PUP
A
VM
A,D
PUP
B
VM
C,F
PUP
C
RST_A#
RST_B#
IRQ#
HEALTHY#
PWR_ON/OFF
V
PTHA
Sequence
Position 0
Sequence
Position 1
Sequence
Position 2
t
DPONB
t
PRTO
t
PRTO
t
PRTO
V
PTHB
V
PTHB
V
PTHD
V
PTHD
V
PTHB
Power-On
VCC
C
V
PTHC
t
DPONC
V
PTHC
t
DPONA
V
PTHA
V
PTHA
t
PRTO
Figure 9 - The SMS64 sequencing the supplies on and then monitoring for fault conditions.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com