Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ART2K0FEGJ Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # ART2K0FEGJ
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FEGJ Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button ART2K0FEGJ Datasheet HTML 4Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 5Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 9Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 10Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 11Page - Ampleon Netherlands B.V. ART2K0FEGJ Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
8 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
[1]
American Technical Ceramics type 100B or capacitor of same quality.
7.4 Graphical data
R3, R4
resistor
0.01
Vishay: WSHP2818
R5, R6, R7, R8
resistor
9.1
SMD 1206
T1, T2
semi rigid coax
50
, 160 mm
EZ141-AL-TP/M17
Table 10.
List of components …continued
For test circuit see Figure 4.
Component
Description
Value
Remarks
VDS =65V; IDq = 100 mA per section; f = 108 MHz;
tp = 100 s;  =10 %.
VDS =65V; IDq = 100 mA per section; f = 108 MHz;
tp = 100 s;  =10 %.
(1) PL(1dB) = 63.20 dBm (2090 W)
(2) PL(3dB) = 63.71 dBm (2350 W)
Fig 5.
Power gain and drain efficiency as function of
output power; typical values
Fig 6.
Output power as a function of input power;
typical values
amp01196
0
400
800
1200
1600
2000
2400
24
0
26
20
28
40
30
60
32
80
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01197
30
31
32
33
34
35
36
37
38
58
60
62
64
66
68
Pi (dBm)
P
P
P
PLLL
PL
(dBm)
(((d
d
dB
B
B
B
Bm
m
m)))))
(dBm)
P
P
P
PLLL
PL
Ideal P
Id
deal P
PLLL
Ideal PL
(1)
(1)
(1)
(2)
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com