Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ART700FHU Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # ART700FHU
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FHU Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  ART700FHU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
4 of 16
ART700FH
Power LDMOS transistor
Table 7.
AC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Crs
feedback capacitance
VGS =0V; f=1MHz
VDS =50V
-
1.04
-
pF
VDS =55V
-
1.00
-
pF
Ciss
input capacitance
VGS =0V; f=1MHz
VDS =50V
-
312
-
pF
VDS =55V
-
312
-
pF
Coss
output capacitance
VGS =0V; f=1MHz
VDS =50V
-
97
-
pF
VDS =55V
-
93
-
pF
VGS =0V; f = 1 MHz
Fig 2.
Output capacitance as a function of drain-source voltage; typical values per
section
Table 8.
RF characteristics
Test signal: pulsed RF; tp =100 s; = 10 %; f = 108 MHz; RF performance at VDS =55 V;
IDq = 25 mA per section; Tcase =25 C; unless otherwise specified; in a class-AB production test
circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 800 W
26.8
28.6
-
dB
RLin
input return loss
PL =800 W
-
32.7
-
dB
D
drain efficiency
PL = 800 W
73.0
77.6
-
%
amp01599
0
10
20
30
40
50
60
0
200
400
600
800
VDS (V)
Coss
oss
Coss
(pF)
(pF)
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com