Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF647P Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF647P
Description  Broadband power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF647P Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF647P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1. Product profile
1.1 General description
A 200 W LDMOS RF power transistor for broadcast transmitter and industrial
applications. The transistor is suitable for the frequency range HF to 1500 MHz. The
excellent ruggedness and broadband performance of this device makes it ideal for digital
applications.
1.2 Features and benefits
Integrated ESD protection
Excellent ruggedness
High power gain
High efficiency
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Communication transmitter applications in the HF to 1500 MHz frequency range
Industrial applications in the HF to 1500 MHz frequency range
BLF647P
Broadband power LDMOS transistor
Rev. 3 — 1 September 2015
Product data sheet
Table 1.
Application information
RF performance at Th = 25 C in a common source test circuit.
Test signal
f
VDS IDq PL(AV) PL(M) Gp
D
IMD3
(MHz)
(V)
(A) (W)
(W)
(dB) (%) (dBc)
Pulsed, class-B
1300
32
0.1 -
200
18
70
-
CW, class-B
1300
32
0.1 200
-
18
70
-
2-tone, class-AB
f1 = 1299.95; f2 = 1300.05
32
0.7 75
-
19
48
33


Similar Part No. - BLF647P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF647P NXP-BLF647P Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF647P(S) NXP-BLF647P(S) Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF647PS NXP-BLF647PS Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF647PS PHILIPS-BLF647PS_15 Datasheet
188Kb / 14P
Broadband power LDMOS transistor
Rev. 2-18 November 2013
More results

Similar Description - BLF647P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
Broadband power LDMOS transistor
Rev. 01-27 January 2010
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF640 PHILIPS-BLF640_15 Datasheet
195Kb / 12P
Broadband power LDMOS transistor
Rev. 2-11 April 2013
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
Broadband power LDMOS transistor
Rev. 2-12 April 2013
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com