Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF881 Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLF881
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF881 Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLF881 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF881 Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BLF881_BLF881S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
11 of 18
BLF881; BLF881S
UHF power LDMOS transistor
Fig 11. Printed-Circuit Board (PCB) for class-AB common source amplifier
001aaj289
40 mm
40 mm
76.2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com