Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF888A Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # BLF888A
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888A Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button BLF888A Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 15Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 16Page - Ampleon Netherlands B.V. BLF888A Datasheet HTML 17Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BLF888A_BLF888AS#6
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 6 — 1 September 2015
13 of 17
BLF888A; BLF888AS
UHF power LDMOS transistor
Fig 14. Package outline SOT539B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT539B
sot539b_po
12-05-02
13-05-24
Unit(1)
mm
max
nom
min
4.7
4.2
11.81
11.56
31.55
30.94
31.52
30.96
9.5
9.3
9.53
9.27
1.75
1.50
17.12
16.10
3.48
2.97
10.29
10.03
0.25
A
Dimensions
Earless flanged balanced ceramic package; 4 leads
SOT539B
bc
0.18
0.10
DD1
EE1
e
13.72
FH
H1
25.53
25.27
LQ
2.26
2.01
U1
32.39
32.13
U2
w2
0.25
inches
max
nom
min
0.185
0.165
0.465
0.455
1.242
1.218
1.241
1.219
0.374
0.366
0.375
0.365
0.069
0.059
0.674
0.634
0.137
0.117
0.405
0.395
0.01
0.007
0.004
0.54
1.005
0.995
0.089
0.079
1.275
1.265
0.01
w3
0
5
10 mm
scale
c
E
Q
E1
e
H
L
b
H1
U1
U2
D
w2
w3
1
2
3
4
D
D
A
F
D1
5
Note
1. millimeter dimensions are derived from the original inch dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com