Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9541AD/01 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCA9541AD/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/01 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCA9541AD/01 Datasheet HTML 37Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 38Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 39Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 40Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 41Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 42Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 43Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 44Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
PCA9541A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 24 April 2014
42 of 45
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
18. Abbreviations
19. Revision history
Table 21.
Abbreviations
Acronym
Description
AI
Auto Increment
CDM
Charged Device Model
DUT
Device Under Test
EEPROM
Electrically Erasable Programmable Read-Only Memory
ESD
ElectroStatic Discharge
FRU
Field Replaceable Unit
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
IC
Integrated Circuit
POR
Power-On Reset
RC
Resistor-Capacitor network
SMBus
System Management Bus
Table 22.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9541A v.5
20140424
Product data sheet
-
PCA9541A v.4
Modifications:
• Table 1 “Ordering information”: added “Topside marking” column
• Added Section 4.1 “Ordering options”
• Deleted (old) Section 5, “Marking”
• Section 7.5 “Power-on reset”, first paragraph, third sentence corrected from “VDD must be lowered
below 0.2 V to reset the device” to “VDD must be lowered below 0.2 V for at least 5 s in order to
reset the device” (correction to documentation only; no change to device)
• Section 7.7 “Voltage translation”, second paragraph, fourth sentence: corrected
from “when the PCA9541A supply voltage is 3.5 V or lower”
to “when the PCA9541A supply voltage is 4.0 V or lower”
(correction to documentation only; no change to device)
• Table 15 “Limiting values”: added Tj(max) limits
• Added Section 11 “Thermal characteristics”
• Table 17 “Static characteristics”, Table note [1]: inserted phrase “for at least 5 s in order”
• Added Section 17 “Soldering: PCB footprints”
PCA9541A v.4
20120824
Product data sheet
-
PCA9541A v.3
PCA9541A v.3
20090716
Product data sheet
-
PCA9541A v.2
PCA9541A v.2
20090604
Product data sheet
-
PCA9541A v.1
PCA9541A v.1
20090528
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com