| Electronic Components Datasheet Search |
|
PCA9541AD/03 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541AD/03 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 45 page ![]() PCA9541A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 5 — 24 April 2014 8 of 45 NXP Semiconductors PCA9541A 2-to-1 I2C-bus master selector with interrupt logic and reset 7.3 Interrupt Enable and Control registers description When a master seeks control of the bus by connecting its I2C-bus channel to the PCA9541A downstream channel, it has to write to the CONTROL register (Reg#01). Bits MYBUS and BUSON allow the master to take control of the bus. The MYBUS and the NMYBUS bits determine which master has control of the bus. Table 9 explains which master gets control of the bus and how. There is no arbitration. Any master can take control of the bus when it wants regardless of whether the other master is using it or not. The BUSON and the NBUSON bits determine whether the upstream bus is connected or disconnected to/from the downstream bus. Table 10 explains when the upstream bus is connected or disconnected. Internally, the state machine does the following: • If the combination of the BUSON and the NBUSON bits causes the upstream to be disconnected from the downstream bus, then that is done. So in this case, the values of the MYBUS and the NMYBUS do not matter. • If a master was connected to the downstream bus prior to the disconnect, then an interrupt is sent on the respective interrupt output in an attempt to let that master know that it is no longer connected to the downstream bus. This is indicated by setting the BUSLOST bit in the Interrupt Status Register. • If the combination of the BUSON and the NBUSON bits causes a master to be connected to the downstream bus and if there is no change in the BUSON bits since when the disconnect took effect, then the master requesting the bus is connected to the downstream bus. If it requests a bus initialization sequence, then it is performed. • If there is no change in the combination of the BUSON and the NBUSON bits and a new master wants the bus, then the downstream bus is disconnected from the old master that was using it and the new master gets control of it. Again, the bus initialization if requested is done. The appropriate interrupt signals are generated. After a master has sent the bus control request: 1. The previous master is disconnected from the I2C-bus. An interrupt to the previous master is sent through its INT line to let it know that it lost control of the bus. BUSLOST bit in the Interrupt Status Register is set. This interrupt can be masked by setting the BUSLOSTMSK bit to logic 1. Fig 7. Internal register map 002aae660 IE 0 CONTROL 0 ISTAT 0 IE 1 CONTROL 1 ISTAT 1 PCA9541A REG#00 REG#01 REG#10 IE CONTROL ISTAT MASTER 0 SCL_MST0 SDA_MST0 REG#00 REG#01 REG#10 IE CONTROL ISTAT MASTER 1 SCL_MST1 SDA_MST1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |