Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5200L-XX-AH6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L5200L-XX-AH6-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5200L-XX-AH6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L5200L-XX-AH6-R Datasheet HTML 1Page - Unisonic Technologies L5200L-XX-AH6-R Datasheet HTML 2Page - Unisonic Technologies L5200L-XX-AH6-R Datasheet HTML 3Page - Unisonic Technologies L5200L-XX-AH6-R Datasheet HTML 4Page - Unisonic Technologies L5200L-XX-AH6-R Datasheet HTML 5Page - Unisonic Technologies L5200L-XX-AH6-R Datasheet HTML 6Page - Unisonic Technologies L5200L-XX-AH6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L5200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-029,D
TYPICAL APPLICATION CIRCUIT
SHDN
V OUT
VIN
GND
C+
C
_
1μF
VIN
VOUT = 5V
+
_ 2%
1
2
3
5
ON
OFF
2.7V ~
IOUT UP ~ 40 mA
,
VIN ≥ 2.7V
IOUT UP ~ 100 mA , V IN ≥ 3.1V
UTC L5200-5.0V
Regulated 5V Output from a 2.7V ~ VOUT Input
6
4
40
V IN = 3V
10
20
0
025
50
75
100
OUTPUT CURRENT (mA )
CFLY = 1
30
Ta =25 ℃
COUT = 1
COUT = 2.2
Output Ripple Voltage vs Load Current
1
1μF
μ
F
μ
F
μ
F
μ
F
VOUT
White or Blue LED Driver with LED Current Control (UTC L5200-ADJ)
SHDN
SHDN
V
( APPLY PWM WAVEFORM FOR
ADJUSTABLE BRIGHTNESS CONTROL )
3V~ 4.4V
Li - Ion
BATTERY
ON OFF
1μF
13
8
2
6
5
4
7
t
C+
C-
VIN
V OUT
SGND
PGND
FB
82Ω
82
82
82
82
82
UP TO 6 LEDS
1μF
1μF
Ω
ΩΩΩ
Ω
USB Port to Regulated5V Power Supply ( UTC L5200-5.0V)
1μF
46
1
2
VOUT
5V±2%
50mA
UTC
L5200-5.0V
5
3
1μF
1μF
USB Port



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com