Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UGFB5HT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UGFB5HT
Description  High Voltage Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGFB5HT Datasheet(HTML) 3 Page - Vishay Siliconix

  UGFB5HT Datasheet HTML 1Page - Vishay Siliconix UGFB5HT Datasheet HTML 2Page - Vishay Siliconix UGFB5HT Datasheet HTML 3Page - Vishay Siliconix UGFB5HT Datasheet HTML 4Page - Vishay Siliconix UGFB5HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UG(F,B)5HT & UG(F,B)5JT
Vishay General Semiconductor
Document Number: 88764
Revision: 09-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Reverse Charateristics
0
6
7
8
5
3
4
1
2
25
50
0
75
100
125
150
175
Case Temperature (°C)
UGF5
UG5, UGB5
20
40
60
80
0
100
1
100
10
Number of Cycles at 60 Hz
80
60
40
20
0
100
10
100
1000
10 000
1
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 4. Typical Instantaneous Forward Charateristics
Figure 5. Typical Junction Capacitance
Figure 6. Reverse Switching Characteristics
0.5
1
2
1.5
2.5
Instantaneous Forward Voltage (V)
0.1
1
10
100
0.01
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Reverse Voltage (V)
10
100
100
10
1
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0
160
180
140
100
120
60
40
20
80
25
50
75
100
125
150
Junction Temperature (°C)
Q
rr
t
rr
I
F = 5.0 A
V
r = 30 V
240 A/µs
240 A/µs
60 A/µs
50 A/µs
60 A/µs
dI/dt =



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com