Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR1116-XX-TQ2-D-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1116-XX-TQ2-D-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1116-XX-TQ2-D-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1116-XX-TQ2-D-R Datasheet HTML 1Page - Unisonic Technologies LR1116-XX-TQ2-D-R Datasheet HTML 2Page - Unisonic Technologies LR1116-XX-TQ2-D-R Datasheet HTML 3Page - Unisonic Technologies LR1116-XX-TQ2-D-R Datasheet HTML 4Page - Unisonic Technologies LR1116-XX-TQ2-D-R Datasheet HTML 5Page - Unisonic Technologies LR1116-XX-TQ2-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO.,
LR1116/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R102-022.F
LOW DROP FIXED AND
ADJUSTABLE POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LR1116/A is a low drop voltage regulator able to
provide up to 0.8/1.0A of output current, available also for
adjustable version (VREF=1.25V). Output consists of pnp
power transistor. So that dropout voltage can be extremely
low.
FEATURES
* Low dropout voltage (0.6V max.)
* 2.85V device are suitable for SCSI-2 active termination
* Output current up to 0.8/1.0A
* Adjustable version available.(VREF=1.25V)
* Internal current and thermal limit
* Available in
±1%(at 25°C) and 2% in all temperature range
SOP-8
SOT-223
1
TO-220
TO-252
TO-263
1
1
1
TO-263-3
1
1
SOT-89
*Pb-free plating product number:
- LR1116L-xx
- LR1116AL-xx
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
②
Pin Assignment
③
Packing
LR1116①-xx-AA3-②-③
LR1116①L-xx-AA3-②-③
SOT-223
LR1116①-xx-AB3-②-③
LR1116①L-xx-AB3-②-③
SOT-89
LR1116①-xx-TA3-②-③
LR1116①L-xx-TA3-②-③
TO-220
LR1116①-xx-TN3-②-③
LR1116①L-xx-TN3-②-③
TO-252
LR1116①-xx-TQ2-②-③
LR1116①L-xx-TQ2-②-③
TO-263
LR1116①-xx-TQ3-②-③
LR1116①L-xx-TQ3-②-③
TO-263-3
A: GOI
B: OGI
C: GIO
D: IGO
LR1116①-xx-S08-②-③
LR1116①L-xx-S08-②-③
SOP-8
GOOIxOOx
R: Tape Reel
T: Tube
Note:
1. ①: Current code: Blank: 800mA
A: 1A
2. Pin assignment: I:Vin O:Vout G:GND x:NC
3. xx: Output Voltage, refer to Marking Information.
Example: LR1116L-285-AA3-B-T
800mA, 2.85V, SOT-223 package, Pin1:Vout, Pin2:Ground, Pin3:Vin, packing by Tube.


Similar Part No. - LR1116-XX-TQ2-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116 Datasheet
226Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116 Datasheet
285Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116 Datasheet
236Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR11160.5AG-XX-AA3-A-R UTC-LR11160.5AG-XX-AA3-A-R Datasheet
285Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR11160.5AG-XX-AA3-A-T UTC-LR11160.5AG-XX-AA3-A-T Datasheet
285Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1116-XX-TQ2-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com