Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT2306-3.3V Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UT2306-3.3V
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306-3.3V Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UT2306-3.3V Datasheet HTML 6Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 7Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 8Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 9Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 10Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 11Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 12Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 13Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
10
QW-R103-029,A
Figure 7. Suggested Layout for Best Performance.Input Capacitor Placement as
Shown Is Highly Recommended.Switch Trace (pin 4) Copper Area Is Minimized
VIN
SHUTDOWN
+
VOUT
UT2306
8
7
6
5
1
2
3
4
COUT
CIN
+
GND (BATTERY AND LOAD RETURN)
Low-Battery Detector
The UT2306 contains an independent low-battery detector that remains active when the device is shut down. This
detector, actually a hysteretic comparator, has an open collector output that can sink up to 500µA.The comparator
also operates below the switcher’s undervoltage lockout threshold, operating until VIN reaches approximately
1.4V.Figure 8 illustrates the input /output characteristic of the detector. Hysteresis is clearly evident in the figure.
VLBO
2V/DIV
Figure 8. Low-Battery Detector Transfer Function.
Pull-Up R=22K,VIN=2V,Sweep Frequency=10Hz
VLBI
200mV/DIV
Battery Life
How may hours does it work? This is the bottom line question that must be asked of any efficiency study. AA
alkaline cells are not perfect power sources. For efficient power transfer, energy must be taken from AA cells at a
rate that does not induce excessive loss. AA cells internal impedance, about 0.2
Ω fresh and 0.5Ω end-of-life, results
in significant efficiency loss at high discharge rates. Figure 10 illustrates battery life vs load current of Figure 9’s
UT2306, 2-cell to 5V DC/DC converter. Note the accelerated decrease in hours at higher power levels. Figure 11
plots total watt hours vs load current. Watt hours are determined by the following formula:
WH = ILOAD(5V)(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com