Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCM3349 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM3349
Description  ADVANCED QAMLINK짰 DOCSIS-R 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3349 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM3349 Datasheet HTML 1Page - Broadcom Corporation. BCM3349 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM3349
®
ADVANCED QAMLINK® DOCSIS® 2.0 HIGH-PERFORMANCE,
SINGLE-CHIP CABLE MODEM
High-Performance, Single-Chip DOCSIS®/EuroDOCSIS™ 2.0 Cable Modem
DOCSIS
®/EuroDOCSIS™ 2.0 cable modem providing
unprecedented levels of integration and performance
The BCM3349 integrates:
• High performance 200 MHz MIPS32™ CPU
• Advanced QAMLink® transceiver supporting Annex A/B/C
operation
• DOCSIS/EuroDOCSIS 2.0 MAC with 16 SIDS
• Advanced QAMLink downstream demodulator supporting
4 QAM – 1024 QAM
• Advanced QAMLink upstream modulator supporting
2 QAM – 256 QAM with S-CDMA
• Upstream power amplifier
• IEEE 802.3 10/100 Ethernet MAC and PHY
• USB 1.1 slave port with integrated transceiver
• 100-MHz SDRAM interface
• Single 28-MHz reference crystal
• Voltage regulators for single voltage system operation
• Advanced RF and control interface to Broadcom BCM3419
silicon tuner
• Expansion bus for peripherals such as 802.11 and/or VoIP
Advanced 2.0+ features:
• SmartSpectrum™ noise immunity technology
• Propane® packet accelerator
• TurboQAM™ performance enhancement
Sixth-generation technology
316-pin PBGA package
Extreme integration level leads to highly cost-effective BOM.
Package optimization enables low-cost 2-layer system PCB.
Integrated upstream power amp and 10/100 Ethernet MAC/
PHY lowers overall system cost.
Support for DOCSIS/EuroDOCSIS 2.0 enables one device
solution to be used worldwide.
High speed MIPS
® processor delivers 270 DMIS, a 30–50%
throughput improvement over previous generations
Advanced QAMLink modulator/demodulator provides
superior performance in noisy plant environments
16 SIDs that provide for superior QoS performance and
simultaneous support of high QoS and BE traffic.
SmartSpectrum delivers multiple dB enhanced robustness in
noisy plant conditions.
Propane packet acceleration improves throughput and
efficiency up to 3x.
TurboQAM leads to over 30% increased upstream and
downstream performance.
Sixth-generation technology delivers an industry-leading,
highly stable and reliable product.
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Similar Part No. - BCM3349

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3341 BOARDCOM-BCM3341 Datasheet
156Kb / 2P
SINGLE CHIP 2 LINE VOLP BROADBAND IC
BCM3341 BOARDCOM-BCM3341_05 Datasheet
138Kb / 2P
ADVANCED TWO-CHANNEL VOIP COPROCESSOR
BCM3345 BOARDCOM-BCM3345 Datasheet
152Kb / 1P
QAMLINK HIGH PERFORMANCE SINGLE CHIP CABLE MODEM
BCM3345KPB BOARDCOM-BCM3345KPB Datasheet
152Kb / 1P
QAMLINK HIGH PERFORMANCE SINGLE CHIP CABLE MODEM
BCM3348 BOARDCOM-BCM3348 Datasheet
180Kb / 2P
ADVANCED DIGITAL CABLE TUNER
More results

Similar Description - BCM3349

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3300 BOARDCOM-BCM3300 Datasheet
128Kb / 2P
BCM3300 QAMLINK SINGLE CHIP DOCSIS CABLE MODEM
BCM3345 BOARDCOM-BCM3345 Datasheet
152Kb / 1P
QAMLINK HIGH PERFORMANCE SINGLE CHIP CABLE MODEM
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
Advanced Single Chip Modem
logo
Filtronic Compound Semi...
ST-260C FILTRONIC-ST-260C Datasheet
325Kb / 1P
DOCSIS 2.0 Tracer for DOCSIS 1.0, 1.1, and 2.0 Protocol Analysis
logo
TDK Electronics
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
Advanced Single Chip Modem
logo
Broadcom Corporation.
BCM93212 BOARDCOM-BCM93212 Datasheet
437Kb / 2P
DOCSIS/EuroDOCSIS 1.1 ADVANCED CABLE MODEM TERMINATION SYSTEM
logo
Synaptics Incorporated.
CX24951 CONEXANT-CX24951 Datasheet
200Kb / 4P
Single-Chip Cable Modem Solution
logo
STMicroelectronics
STV0498 STMICROELECTRONICS-STV0498 Datasheet
71Kb / 4P
DOCSIS 2.0 cable modem chip with channel bonding
16-Feb-2007
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
logo
Broadcom Corporation.
BCM3348KPB BOARDCOM-BCM3348KPB Datasheet
160Kb / 2P
QAMLink짰??DOCSIS??2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com