Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V1-G-2M-PVC Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # V1-G-2M-PVC
Description  Female cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V1-G-2M-PVC Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  V1-G-2M-PVC Datasheet HTML 1Page - Pepperl+Fuchs Inc. V1-G-2M-PVC Datasheet HTML 2Page - Pepperl+Fuchs Inc. V1-G-2M-PVC Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Ambient conditions
Ambient temperature
Plug connector
-40 ... 90 °C (-40 ... 194 °F)
Cable, fixed
-25 ... 70 °C (-13 ... 158 °F)
Cable, flexing
-5 ... 70 °C (23 ... 158 °F)
Pollution degree
3
Mechanical specifications
Plug connector
Tightening torque
0.6 Nm
Loosening protection
available
Tool installation
straight knurling and hexagon nut SW = 14 mm
Mating cycles
min. 100
Degree of protection
IP68 / IP69
Cable
according to IEC/EN 60228 (DIN VDE 0295) class 5
Sheath diameter
4.8 mm
Bending radius
> 10 x cable diameter, moving
Sheath stripping force
max. 80 N / 300 mm
Sheath color
grey (similar to RAL 7001)
Number of cores
4
Core cross section
0.34 mm2
Cores color
Core 1: brown
Core 2: white
Core 3: blue
Core 4: black
Core construction
19 x 0.15 mm ∅
Length
L
2 m
Cable code
Li Y YM 4 x 0,34
Material
Plug connector
Screw connection
Zinc diecast, nickel-plated
Body
TPU, black
Seal
FKM
Contact surface
Au
Flammability
V-2
Cable
Sheathing
PVC
Core insulation
PVC
Flammability
flame-resistant
Connection Assignment
1
3
2
4
1
2
3
4
BN
WH
BU
BK
Accessories
MH V1-SCREWDRIVER
torque screwdriver (0.6 Nm)
Female cordset
V1-G-2M-PVC
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com