Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K4M51163PC-RBF1L Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4M51163PC-RBF1L
Description  8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51163PC-RBF1L Datasheet(HTML) 5 Page - Samsung semiconductor

  K4M51163PC-RBF1L Datasheet HTML 1Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 2Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 3Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 4Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 5Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 6Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 7Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 8Page - Samsung semiconductor K4M51163PC-RBF1L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
K4M51163PC - R(B)E/G/C/F
February 2006
Mobile SDRAM
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25
°C ~ 85°C for Extended, -25°C ~ 70°C for Commercial)
NOTES:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. It has +/-5
°C tolerance.
4. K4M51163PC-R(B)E/C**
5. K4M51163PC-R(B)G/F**
6. DPD(Deep Power Down) function is an optional feature, and it will be enabled upon request.
Please contact Samsung for more information.
7. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ).
Parameter
Symbol
Test Condition
Version
Unit
Note
-75
-90
-1L
Operating Current
(One Bank Active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
90
90
90
mA
1
Precharge Standby Current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
0.3
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
0.3
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
10
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
1
Active Standby Current
in power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
6
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
3
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
25
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
15
mA
Operating Current
(Burst Mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
95
80
80
mA
1
Refresh Current
ICC5
tARFC
≥ tARFC(min)
150
150
150
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
TCSR
45 *3
85/70
°C
-E/C
Full Array
300
600
uA
4
1/2 of Full
270
500
1/4 of Full
255
450
-G/F
Full Array
250
500
5
1/2 of Full
220
400
1/4 of Full
205
350
Deep Power Down Current
ICC8
CKE
≤ 0.2V
10
uA
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com