Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HCT4052 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT4052
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4052 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT4052 Datasheet HTML 1Page - STMicroelectronics M74HCT4052 Datasheet HTML 2Page - STMicroelectronics M74HCT4052 Datasheet HTML 3Page - STMicroelectronics M74HCT4052 Datasheet HTML 4Page - STMicroelectronics M74HCT4052 Datasheet HTML 5Page - STMicroelectronics M74HCT4052 Datasheet HTML 6Page - STMicroelectronics M74HCT4052 Datasheet HTML 7Page - STMicroelectronics M74HCT4052 Datasheet HTML 8Page - STMicroelectronics M74HCT4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
March 2003
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
LOGIC LEVEL TRANSLATION TO ENABLE
TTL LOGIC SIGNAL TO COMMUNICATE
WITH
±5V ANALOG SIGNAL
s
LOW "ON" RESISTANCE:
70
Ω TYP. (V
CC -VEE =4.5V)
50
Ω TYP. (V
CC -VEE =9V)
s
WIDE ANALOG INPUT VOLTAGE RANGE:
±6V
s
FAST SWITCHING:
tpd = 13ns (TYP.) at TA =25°C
s
LOW CROSSTALK BETWEEN SWITCHES
s
HIGH ON/OFF OUTPUT VOLTAGE RATIO
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE (VCC -VEE) = 2V TO 12V
s
LOW SINE WAVE DISTORTION:
0.02% at VCC -VEE =9V
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V(MIN.) VIL = 0.8V (MAX.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4052
DESCRIPTION
The M74HCT4052 is a dual four-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology and it is pin
to pin compatible with the equivalent metal gate
CMOS4000B series.
It contains 8 bidirectional and digitally controlled
analog switches.
A built-in level shifting is included to allow an input
rangeupto
±6V (peak) for an analog signal with
digital control signal of 0 to 6V.
VEE supply pin is provided for analog input
signals. It has an inhibit (INH) input terminal to
disable all the switches when high, compatible
with TTL output level. For operation as a digital
multiplexer/demultiplexer, VEE is connected to
GND. A and B control inputs (TTL Compatible)
select one channel out of four in each section.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT4052
DUAL 4-CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT4052B1R
SOP
M74HCT4052M1R M74HCT4052RM13TR
TSSOP
M74HCT4052TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT4052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74HCT4052ADTR2G ONSEMI-M74HCT4052ADTR2G Datasheet
207Kb / 16P
Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
M74HCT4052ADWR2G ONSEMI-M74HCT4052ADWR2G Datasheet
207Kb / 16P
Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results

Similar Description - M74HCT4052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
Dual 4-channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com