Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

600S100JW Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 600S100JW
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

600S100JW Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  600S100JW Datasheet HTML 1Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 2Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 3Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 4Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 5Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 6Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 7Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 8Page - Freescale Semiconductor, Inc 600S100JW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor
MW4IC001NR4 MW4IC001MR4
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
µAdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
µAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
µAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 V, ID = 50 µA)
VGS(th)
2
3
5
Vdc
Gate Quiescent Voltage
(VDS = 28 V, ID = 10 mA)
VGS(Q)
2
3.7
5
Vdc
Drain-Source On-Voltage
(VGS = 10 V, ID = 0.05 A)
VDS(on)
—
0.48
0.9
Vdc
Forward Transconductance
(VDS = 10 V, ID = 0.1 A)
gfs
—
0.05
—
S
Dynamic Characteristics
Output Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
—
45
—
pF
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
0.62
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system)
Two-Tone Common Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 0.9 W PEP, IDQ = 12 mA,
f = 2170 MHz, Tone Spacing = 100 kHz)
Gps
—
13
—
dB
Two-Tone Drain Efficiency
(VDD = 28 Vdc, Pout = 0.9 W PEP, IDQ = 12 mA,
f = 2170 MHz, Tone Spacing = 100 kHz)
ηD
—
29
—
%
Third Order Intermodulation Distortion
(VDD = 28 Vdc, Pout = 0.9 W PEP, IDQ = 12 mA,
f = 2170 MHz, Tone Spacing = 100 kHz)
IMD
—
-28
—
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 0.9 W PEP, IDQ = 12 mA,
f = 2170 MHz, Tone Spacing = 100 kHz)
IRL
—
-18
—
dB
Output Power, 1 dB Compression Point, CW
(VDD = 28 Vdc, IDQ = 12 mA, f = 2170 MHz)
P1dB
—
0.85
—
W
Common-Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 0.9 W CW, IDQ = 12 mA, f = 2170 MHz)
Gps
12
13
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 0.9 W CW, IDQ = 12 mA, f = 2170 MHz)
ηD
35
38
—
%
Input Return Loss
(VDD = 28 Vdc, Pout = 0.9 W CW, IDQ = 12 mA, f = 2170 MHz)
IRL
-10
-16
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com