Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMJS0D8N04CL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMJS0D8N04CL
Description  MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS0D8N04CL Datasheet(HTML) 4 Page - ON Semiconductor

  NVMJS0D8N04CL Datasheet HTML 1Page - ON Semiconductor NVMJS0D8N04CL Datasheet HTML 2Page - ON Semiconductor NVMJS0D8N04CL Datasheet HTML 3Page - ON Semiconductor NVMJS0D8N04CL Datasheet HTML 4Page - ON Semiconductor NVMJS0D8N04CL Datasheet HTML 5Page - ON Semiconductor NVMJS0D8N04CL Datasheet HTML 6Page - ON Semiconductor NVMJS0D8N04CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NVMJS0D8N04CL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Charge
QG, TOTAL GATE CHARGE (nC)
80
40
0
0
2
4
6
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
60
0
1
1000
1.0
0.8
0.6
0.4
0.2
0
0.001
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Drain Current vs. Time in
Avalanche
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
tAV, TIME IN AVALANCHE (s)
10
1
0.1
0.1
10
100
1000
100
td(off)
td(on)
tf
tr
TJ = 25°C
TJ = −55°C
0.0001
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
1 ms
10 ms
160
VGS = 0 V
0.01
100
1
100
1
1
10
0.1
100
10
10
30
40
100
8
10
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10
100
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
100K
40
5
0
1K
10K
10
20
50
TJ = 175°C
120
0.01
TJ(initial) = 100°C
100 ms
TC = 25°C
Single Pulse
VGS ≤ 10 V
TJ = 25°C
ID = 50 A
VDS = 32 V
1000
1000
VGS = 10 V
VDS = 32 V
ID = 50 A
0.001
TJ(initial) = 25°C
QGS
QGD
15
20
25
30
35
60
20
140
1
3
5
9
7
1000
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com