Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABD221SN4 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # BLA2ABD221SN4
Description  BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLA2ABD221SN4 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  BLA2ABD221SN4 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLA2ABD221SN4 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLA2ABD221SN4 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLA2ABD221SN4 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Search Data Sheet
BLA2ABD221SN4#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLA2ABD221SN4# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLA2ABD221SN4%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/21/2022
< List of part numbers with package codes >
BLA2ABD221SN4B
BLA2ABD221SN4D
BLA2ABD221SN4J
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
1000
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
1 of 4


Similar Part No. - BLA2ABD221SN4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA2ABD221SN4 MURATA-BLA2ABD221SN4 Datasheet
2Mb / 88P
EMI Suppression Filters
BLA2ABD221SN4 MURATA-BLA2ABD221SN4 Datasheet
3Mb / 89P
SMD/BLOCK Type EMI Suppression Filters
BLA2ABD221SN4D MURATA-BLA2ABD221SN4D Datasheet
167Kb / 5P
EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
BLA2ABD221SN4D MURATA-BLA2ABD221SN4D Datasheet
2Mb / 88P
SMD/BLOCK Type EMI Suppression Filters
BLA2ABD221SN4J MURATA-BLA2ABD221SN4J Datasheet
167Kb / 5P
EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
More results

Similar Description - BLA2ABD221SN4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA2AAG102SN4 MURATA1-BLA2AAG102SN4_V01 Datasheet
276Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch
Last updated06/21/2022
BLA2AAG121SN4 MURATA1-BLA2AAG121SN4_V01 Datasheet
274Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2AAG221SN4 MURATA1-BLA2AAG221SN4_V01 Datasheet
272Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABB100SN4 MURATA1-BLA2ABB100SN4_V01 Datasheet
271Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABB121SN4 MURATA1-BLA2ABB121SN4_V01 Datasheet
270Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABB220SN4 MURATA1-BLA2ABB220SN4_V01 Datasheet
271Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABB470SN4 MURATA1-BLA2ABB470SN4_V01 Datasheet
272Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABD121SN4 MURATA1-BLA2ABD121SN4_V01 Datasheet
273Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABD601SN4 MURATA1-BLA2ABD601SN4_V01 Datasheet
275Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
BLA2ABD750SN4 MURATA1-BLA2ABD750SN4_V01 Datasheet
270Kb / 4P
BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch
Last updated06/21/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com