Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL1623PH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL1623PH Datasheet HTML 2Page - NXP Semiconductors SSL1623PH Datasheet HTML 3Page - NXP Semiconductors SSL1623PH Datasheet HTML 4Page - NXP Semiconductors SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors SSL1623PH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
6 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
8.4 Valley switching
A new cycle is started at the primary stroke when the switch is switched on (see Figure 3).
After a certain time (determined by the RC oscillator voltage and the internal regulation
level), the switch is turned off and the secondary stroke starts. The internal regulation
level is determined by the voltage on pin REG. After the secondary stroke, the DRAIN
voltage shows an oscillation with a frequency approximately equal to the value given by
Equation 1.
(1)
Where:
Lp is the primary self-inductance on the drain node.
Cp is the parasitic capacitance on the drain node.
As soon as the oscillator voltage is high again and the secondary stroke has ended, the
circuit waits for a low drain voltage before starting a new primary stroke.
The primary stroke starts some time before the actual valley at low ringing frequencies,
and some time after the actual valley at high ringing frequencies. Figure 4 shows a typical
curve for a reflected voltage N
× V
o of 80 V. This voltage is the output voltage Vo (see
Figure 5) transferred to the primary side of the transformer with the factor N (determined
by the turns ratio of the transformer). Figure 4 shows that the system switches exactly at
minimum drain voltage for ringing frequencies of 480 kHz, thus reducing the switch-on
losses to a minimum. At 200 kHz, the next primary stroke is started at 33
° before the
valley. The switch-on losses are still reduced significantly.
A: Start of new cycle with valley switching.
B: Start of new cycle in a classical system.
Fig 3.
Signals for valley switching
1
2
π
L
pCp
×
-----------------------------
col007
drain
valley
secondary
ringing
secondary
stroke
primary
stroke
secondary
stroke
RC
oscillator
regulation level
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com