Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8599BTH Datasheet(PDF) 43 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 39Page - NXP Semiconductors TDF8599BTH Datasheet HTML 40Page - NXP Semiconductors TDF8599BTH Datasheet HTML 41Page - NXP Semiconductors TDF8599BTH Datasheet HTML 42Page - NXP Semiconductors TDF8599BTH Datasheet HTML 43Page - NXP Semiconductors TDF8599BTH Datasheet HTML 44Page - NXP Semiconductors TDF8599BTH Datasheet HTML 45Page - NXP Semiconductors TDF8599BTH Datasheet HTML 46Page - NXP Semiconductors TDF8599BTH Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
43 / 54
001aak222
22 Ω
39 kΩ
10 kΩ
10 kΩ
≥ 33 kΩ
10 Ω
10 Ω
22 Ω
100 µF
35 V
100 µF
35 V
100 nF
15 nF
470 nF
100 nF
15 nF
470 pF
470 pF
470 pF
470 pF
CLC
CINP
470 nF
CINN
470 nF
2.2 µF
47 µF
LLC
LLC
CLC
100 nF
PGND1
PGND1
VP1
VP1
VP1
VP2
VPA
TDF8599B
bead
bead
RADS
bead
bead
OUT1N
OUT1P
OUTN
VP
GND
OUTP
VSTAB1
GNDD/HW
33
32
31
30
29
28
34
35
36
25
24
23
22
21
20
19
26
27
4
5
6
7
8
9
3
2
1
12
13
14
15
16
17
18
11
10
BOOT1N
BOOT1P
VP1
PGND1
PGND1
PGND2
VDDD
1000 µF
35 V
4.7 µF
100 nF
220 nF
VSTAB2
DCP
OSCIO
220 nF
10 Ω
10 Ω
15 nF
100 nF
15 nF
470 pF
470 pF
470 pF
470 pF
LLC
LLC
PGND2
PGND2
VP2
VP2
OUT2P
OUT2N
BOOT2P
BOOT2N
VP2
PGND2
IN2N
AGND
IN2P
IN1P
ACGND
SVRR
EN
SEL_MUTE(1)
IN1N
100 nF
100 nF
CACGND
enable(1)
INP
INN
SCL
SSM
OSCSET
VDDA
SDA
VPull-up
VPull-up
VPA
parallel mode
setting
connect
to µP
fixed
frequency(2)
MASTER
MODE
I2C-bus
address select
ADS
DIAG
MOD
CLIP
(3)
Single BTL mode (parallel) in I2C-bus mode with DC offset protection enabled; Spread spectrum mode disabled.
(1) See Figure 3 for a diagram of the connection for pins EN and SEL_MUTE.
(2) See Section 8.3.2 for detailed information.
(3) See Section 8.5.5 for detailed information on DC offset protection.
Figure 49. Example application diagram for a single BTL in I2C-bus mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com